|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
500 mW DC/DC Converter ELECTRONICS INC. EPC1198-X * Unregulated DC/DC Converter * Input/Output Isolation : 1000 Vrms * Very High Efficiency : 80%-85% Typ. * Operating Temperature : 0C to +70C * UL1446 Class B Insulating System * UL94V-0 Recognized Materials Electrical Specifications PCA Part Numbers EPC1198-1 EPC1198-2 EPC1198-3 EPC1198-4 EPC1198-5 EPC1198-6 V In Volts ( 10%) 5.0 5.0 5.0 5.0 5.0 5.0 V Out Volts 5.0 6.5 9.0 12.0 15.0 24.0 I Out (mA Max.) 100 77 56 42 34 21 Ripple & Noise (mV p-p) Typ. Max. 18.0 16.5 16.0 15.5 12.0 12.0 25.0 25.0 25.0 25.0 25.0 25.0 Input Ripple Current (mA p-p) Max. Typ. 8.5 8.5 8.0 8.0 9.5 11.0 15.0 15.0 15.0 15.0 15.0 20.0 Efficiency (% Typ.) @ Full Load 80 83 85 85 84 82 Input/Output Isolation (Vrms) 1000 1000 1000 1000 1000 1000 Notes : 1. Voltage Accuracy : -3% Typ. @ Maximum Load 2. Input Filter : Capacitor 3. Line Voltage Regulation : 1%/% (Output Voltage Change Percentage/Input Voltage Change Percentage) 4. Load Voltage Regulation (10% to 100% Full Load) : +15% Max., -5% Max. for 5.0 V, 6.5 V, +12% Max., -5% Max. for 9.0 V, 12 V, 15 V, 24 V Out 5. Short Circuit Duration : 1 Second 6. Output Ripple Filtering : Simple 33 KHz L/C Filter can be added to reduce Output Ripple & Noise to 2 mV p-p 7. Minimum Load Requirement : 10% 8. Absolute Maximum Rating : V In = 7.0 Volt Max. 9. For normal operations : Short Pin 1 & Pin 2 ; Connect Pin 3 & Pin 1 for Shutdown 10. Input Current @ 0% Load : 2.5 mA Typ. 11. Load Voltage Regulation @ 0% Load : +25% Max. for 5.0 V, 6.5 V, 9.0 V, 12 V Out + 20% Max. for 15 V, 24 V Out Package Pin Connections .450 (11.43) PCA EPC1198-X D.C. .350 Max. (8.89) .161 .020 (4.10 .510) .050 (1.27) X2 .300 (7.62) .190 (4.83) .100 (2.54) 2X .049 (1.25) Marking Side 123 5 7 .020 (.500) Pin 1 I.D. Pin 1 : On/Off Remote Pin 2 : -V In Pin 3 : +V In Pin 5 : -V Out Pin 7 : +V Out .019 X .010 (.482 X .127) Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 Product performance is limited to specified parameters. Data is subject to change without prior notice. CSC1198-X Rev. 3 6/1/05 FT TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com |
Price & Availability of EPC1198-1 |